Part Number Hot Search : 
CDA15 5225B SMS4003K 5225B DR623CT 1PMT4635 M8085AH 9X388
Product Description
Full Text Search
 

To Download BAT-68-E6327 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2011-06-15 1 bat68... silicon schottky diodes ? for mixer applications in the vhf / uhf range ? for high-speed switching applications ? pb-free (rohs compliant) package bat68 bat68-06 bat68-06w bat68-07w bat68-08s bat68-04 bat68-04w                                      esd ( e lectro s tatic d ischarge) sensitive device, observe handling precaution! type package configuration l s (nh) marking bat68 bat68-04 bat68-04w bat68-06 bat68-06w bat68-07w bat68-08s sot23 sot23 sot323 sot23 sot323 sot343 sot363 single series series common anode common anode parallel pair parallel triple 1.8 1.8 1.4 1.8 1.4 1.6 1.4 83s 84s 84s 86s 86s 87s 83s
2011-06-15 2 bat68... maximum ratings at t a = 25c, unless otherwise specified parameter symbol value unit diode reverse voltage v r 8 v forward current i f 130 ma total power dissipation bat68, t s 77c bat68-04, bat68-06, t s 61c bat68-04w/-06w/-08s, t s 92c bat68-07w, t s 89c p tot 150 150 150 150 mw junction temperature t j 150 c storage temperature t st g -55 ... 150 thermal resistance parameter symbol value unit junction - soldering point 1) bat68 bat68-04, bat68-06 bat68-04w-bat68-06w, bat68-08s bat68-07w r thjs 490 590 390 410 k/w electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. dc characteristics breakdown voltage i (br) = 10 a v (br) 8 - - v reverse current v r = 1 v v r = 1 v, t a = 60 c i r - - - - 0.1 1.2 a forward voltage i f = 1 ma i f = 10 ma v f - 340 318 390 340 500 mv 1 for calculation of r thja please refer to application note thermal resistance
2011-06-15 3 bat68... electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. ac characteristics diode capacitance v r = 0 , f = 1 mhz c t - - 1 pf differential forward resistance i f = 5 ma, f = 10 khz r f - - 10 ?
2011-06-15 4 bat68... diode capacitance c t = ? ( v r ) f = 1mhz 0 0 ehd07103 bat 68... c t r v 234 0.5 pf 1.0 1v differential forward resistance r f = ? ( i f ) f = 10khz 10 ehd07104 bat 68... r f -1 0 10 1 10 ma ? 10 2 f 0 10 1 10 2 10 3 10 reverse current i r = ? ( v r ) t a = parameter 0 10 ehd07102 bat 68... r r v 10 10 10 10 a 150 c t a = 12 3v 4 -3 -2 -1 0 2 1 10 c 85 c 25 forward current i f = ? ( v f ) t a = parameter 0.0 10 ehd07101 bat 68... f f v 10 10 10 10 -40 c a = ma -2 -1 0 1 2 c 25 c 85 c 150 0.1 0.2 0.3 0.4 0.5 v 0.6 t
2011-06-15 5 bat68... forward current i f = ? ( t s ) bat68 0 15 30 45 60 75 90 105 120 c 150 t s 0 20 40 60 80 100 ma 140 i f forward current i f = ? ( t s ) bat68-04, bat68-06 0 15 30 45 60 75 90 105 120 c 150 t s 0 20 40 60 80 100 ma 140 i f forward current i f = ? ( t s ) bat68-04w, bat68-06w, bat68-08s 0 15 30 45 60 75 90 105 120 c 150 t s 0 20 40 60 80 100 ma 140 i f forward current i f = ? ( t s ) bat68-07w 0 15 30 45 60 75 90 105 120 c 150 t s 0 20 40 60 80 100 ma 140 i f
2011-06-15 6 bat68... permissible pulse load i fmax / i fdc = ? ( t p ) bat68-04w, bat68-06w 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 - i f max / i fdc d = 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5 permissible puls load r thjs = ? ( t p ) bat68-04w, bat68-06w 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 3 10 k/w r thjs 0.5 0.2 0.1 0.05 0.02 0.01 0.005 d = 0 permissible puls load r thjs = ? ( t p ) bat68-07w 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 3 10 k/w r thjs 0.5 0.2 0.1 0.05 0.02 0.01 0.005 d = 0 permissible pulse load i fmax / i fdc = ? ( t p ) bat68-07w 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 - i fmax / i fdc d = 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
2011-06-15 7 bat68... rectifier voltage v out = ? ( v in ) f = 900mhz r l = parameter in k ? 10 0 10 1 10 2 10 3 mv v i -2 10 -1 10 0 10 1 10 2 10 3 10 4 10 mv v o 1000 500 200 100 50 20 testcircuit d.u.t r in r l c l 1nf 50 ? v i v 0
2011-06-15 8 bat68... package sot23 package outline foot print marking layout (example) standard packing reel ?180 mm = 3.000 pieces/reel reel ?330 mm = 10.000 pieces/reel eh s bcw66 type code pin 1 0.8 0.9 0.9 1.3 0.8 1.2 0.25 m bc 1.9 -0.05 +0.1 0.4 0.1 2.9 0.95 c b 0...8? 0.2 a 0.1 max. 10? max. 0.08...0.15 1.3 0.1 10? max. m 2.4 0.15 0.1 1 a 0.15 min. 1) 1) lead width can be 0.6 max. in dambar area 12 3 3.15 4 2.65 2.13 0.9 8 0.2 1.15 pin 1 manufacturer 2005, june date code (ym)
2011-06-15 9 bat68... package sot323 package outline foot print marking layout (example) standard packing reel ?180 mm = 3.000 pieces/reel reel ?330 mm = 10.000 pieces/reel 1.25 0.1 0.1 max. 2.1 0.1 0.15 +0.1 -0.05 0.3 +0.1 0.1 0.9 12 3 a 0.2 2 -0.05 0.65 0.65 m 3x 0.1 0.1 min. 0.1 m 0.2 a 0.2 4 2.15 1.1 8 2.3 pin 1 pin 1 2005, june date code (ym) bcr108w type code 0.6 0.8 1.6 0.65 0.65 manufacturer
2011-06-15 10 bat68... package sot343 package outline foot print marking layout (example) standard packing reel ?180 mm = 3.000 pieces/reel reel ?330 mm = 10.000 pieces/reel 2005, june date code (ym) bga420 type code 0.2 4 2.15 8 2.3 1.1 pin 1 0.6 0.8 1.6 1.15 0.9 1.25 0.1 0.1 max. 2.1 0.1 0.15 +0.1 -0.05 0.3 +0.1 2 0.2 0.1 0.9 12 3 4 a +0.1 0.6 a m 0.2 1.3 -0.05 -0.05 0.15 0.1 m 4x 0.1 0.1 min. pin 1 manufacturer
2011-06-15 11 bat68... p ackage sot363 package outline foot print marking layout (example) standard packing reel ?180 mm = 3.000 pieces/reel reel ?330 mm = 10.000 pieces/reel for symmetric types no defined pin 1 orientation in reel. small variations in positioning of date code, type code and manufacture are possible. manufacturer 2005, june date code (year/month) bcr108s type code pin 1 marking laser marking 0.3 0.7 0.9 0.65 0.65 1.6 0.2 4 2.15 1.1 8 2.3 pin 1 marking +0.1 0.2 1 6 23 5 4 0.2 2 +0.1 -0.05 0.15 0.1 1.25 0.1 max. 0.9 0.1 a -0.05 6x 0.1 m 0.65 0.65 2.1 0.1 0.1 0.1 min. m 0.2 a pin 1 marking
2011-06-15 12 bat68... edition 2009-11-16 published by infineon technologies ag 81726 munich, germany ? 2009 infineon technologies ag all rights reserved. legal disclaimer the information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices, please contact the nearest infineon technologies office ( ). warnings due to technical requirements, components may contain dangerous substances. for information on the types in question, please contact the nearest infineon technologies office. infineon technologies components may be used in life-support devices or systems only with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered.


▲Up To Search▲   

 
Price & Availability of BAT-68-E6327

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X